Part Number Hot Search : 
NUB611T 0505X D8224 4431A UF101 D70N0 SRF10201 A200012
Product Description
Full Text Search
 

To Download SDAH7500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SDAH2500 thru SDAH15000
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Designer's Data Sheet
FEATURES: * * * * * * * Average Output Current 2 Amps PIV 2500 to 15000 Volts Low Leakage Current Low Forward Voltage Drop Corona Free Superior Thermal Shock Resistance Available in Fast, Ultra Fast, and Hyper Fast versions. Consult Factory.
2 AMPS 2500 15000 VOLTS STANDARD RECOVERY HIGH CURRENT - HIGH VOLTAGE RECTIFIER
ELECTRICAL CHARACTERISTICS
Peak Inverse Voltage (per leg) PIV Volts 2500 5000 7500 10000 12500 15000 2 2 2 2 2 2 Average DC Output Current TC = Case Temp IF (AV) Amps 50oC 100oC 1.2 1.2 1.2 1.2 1.2 1.2 5 5 5 5 5 5 Reverse Recovery Time trr 2/ s Peak Recurrent Forward Current IFRM Amps 25oC 150 150 150 150 150 150 Maximum Forward Voltage (per leg) VF Volts IF = 1.0 A 3 6 8 11 13.5 16 25oC 1 1 1 1 1 1 Maximum Reverse Current (per leg) @ PIV IR A 100oC 75 75 75 75 75 75 A 1.5 2.5 3.5 4.5 5.5 6.5 INCHES B .38 .38 .38 .38 .38 .38 C .69 .69 .69 .69 .69 .69
Part Number
Case Size
Symbol Units Conditions SDAH2500 SDAH5000 SDAH7500 SDAH10000 SDAH12500 SDAH15000
NOTES: * Pulse Test: Pulse Width = 300sec, Duty Cycle = 2% 1. Unless Otherwise Specified, All Electrical Characteristics @25C 2. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25oC
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0028A
DOC
SDAH2500 thru SDAH15000
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
PACKAGE OUTLINE: SDAH2500 thru SDAH15000
A
B
C
0.051" dia 0.003 (16 ga)
2" Min.
*For information on curves, contact the Factory Representative for Engineering Assistance.


▲Up To Search▲   

 
Price & Availability of SDAH7500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X